|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
RSX101VA-30 Diodes Shottky barrier diode RSX101VA-30 Application General rectification. External dimensions (Unit : mm) 0.80.05 CATHODE MARK 0.170.1 0.05 Features 1) Small power mold type. (TUMD2 (1913) ) 2) High reliability. 3) Low VF / Low IR. (0.43V at 1A / 40A at 30V) 1.90.1 2.50.2 R Structure Silicon Epitaxial Planer ROHM : EIAJ : - JEDEC : 1.30.1 0.60.2 0.1 Absolute maximum ratings (Ta=25C) Parameter Reverse voltage (repetitive peak) Reverse voltage (DC) Average rectified forward current Forward current surge peak (60Hz / 1cyc.) Junction temperature Storage temperature Symbol VRM VR IO IFSM Tj Tstg Limits 30 30 1 5 150 -40 to 150 Unit V V A A C C Electrical characteristics (Ta=25C) Parameter Forward voltage Reverse current Capacitance between terminals Symbol VF IR1 IR2 CT Min. - - - - Typ. 0.43 15 40 30 Max. 0.47 40 200 - Unit V A A pF Conditions IF=1.0A VR=5V VR=30V VR=10V, f=1MHz Rev.A 0.40.1 1.450.1 1/2 RSX101VA-30 Diodes Electrical characteristic curves (Ta=25C) 1000 100000 1000 Ta=150C FORWARD CURRENT : IF (mA) REVERSE CURRENT : IR (A) Ta=150C Ta=125C Ta=75C Ta=25C 10000 Ta=125C 100 1000 Ta=75C TERMINAL CAPACITANCE : CT (pF) f=1MHz Ta=25C 100 100 Ta=25C 10 10 1 0 100 200 300 400 500 1 0 10 20 30 10 0 10 20 30 FORWARD VOLTAGE : VF (mV) REVERSE VOLTAGE : VR (V) REVERSE VOLTAGE : VR (V) Fig.1 Forward Temperature Characteristics Fig.2 Reverse Temperature Characteristics Fig.3 Capacitance Between Terminals Characteristics AVERAGE RECTIFIED FOWARD CURRENT : IO (A) TUMD2 Rth (j-a) =145C / W When mounted on a glass epoxy board. 2.0 1.8 1.6 DC 1.4 1.2 D=1 / 2 1.0 Sin (=180) 0A 0V t T AVERAGE RECTIFIED FOWARD CURRENT : IO (A) 1000 2.0 1.8 1.6 1.4 1.2 1.0 Sin (=180) D=1 / 2 DC IO VR D=t / T VR=15V Tj=150C (j-a) (C / W) 100 0.8 0.6 0.4 0.2 0.0 0.8 0.6 0.4 0.2 0.0 0 0A 0V t T 10 IO VR D=t / T VR=15V Tj=150C 1 0.1 1 10 100 1000 0 25 50 75 100 125 150 25 50 75 100 125 150 It (s) AMBIENT TEMPERATURE : Ta (C) CASE TEMPERATURE : Tc (C) Fig.4 Fig.5 Derating Curve (IO-Ta) Fig.6 Derating Curve (IO-Tc) 20 Ta=25C 30 25 8.3ms 8.3ms 1cyc. 30kV Over 20 10 ESD (kV) IFSM (A) 15 10 5 Ta=25C 1puls 200pF 0 Machine Model 100pF 1.5k Humanbody Model 0 1 10 100 0 N (Cyc) Fig.7 Fig.8 ESD resistance Rev.A 2/2 Appendix Notes No technical content pages of this document may be reproduced in any form or transmitted by any means without prior permission of ROHM CO.,LTD. The contents described herein are subject to change without notice. The specifications for the product described in this document are for reference only. Upon actual use, therefore, please request that specifications to be separately delivered. Application circuit diagrams and circuit constants contained herein are shown as examples of standard use and operation. Please pay careful attention to the peripheral conditions when designing circuits and deciding upon circuit constants in the set. Any data, including, but not limited to application circuit diagrams information, described herein are intended only as illustrations of such devices and not as the specifications for such devices. ROHM CO.,LTD. disclaims any warranty that any use of such devices shall be free from infringement of any third party's intellectual property rights or other proprietary rights, and further, assumes no liability of whatsoever nature in the event of any such infringement, or arising from or connected with or related to the use of such devices. Upon the sale of any such devices, other than for buyer's right to use such devices itself, resell or otherwise dispose of the same, no express or implied right or license to practice or commercially exploit any intellectual property rights or other proprietary rights owned or controlled by ROHM CO., LTD. is granted to any such buyer. Products listed in this document are no antiradiation design. The products listed in this document are designed to be used with ordinary electronic equipment or devices (such as audio visual equipment, office-automation equipment, communications devices, electrical appliances and electronic toys). Should you intend to use these products with equipment or devices which require an extremely high level of reliability and the malfunction of with would directly endanger human life (such as medical instruments, transportation equipment, aerospace machinery, nuclear-reactor controllers, fuel controllers and other safety devices), please be sure to consult with our sales representative in advance. About Export Control Order in Japan Products described herein are the objects of controlled goods in Annex 1 (Item 16) of Export Trade Control Order in Japan. In case of export from Japan, please confirm if it applies to "objective" criteria or an "informed" (by MITI clause) on the basis of "catch all controls for Non-Proliferation of Weapons of Mass Destruction. Appendix1-Rev1.1 |
Price & Availability of RSX101VA-30 |